|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FEATURES AND SPECIFICATIONS Features and Benefits s Sizes 2 to 15 circuits s Housing lance provides extra terminal retention s Friction locks provide secure mating Reference Information Packaging: Bag UL File No.: E29179 CSA File No.: LR19980 Use With: 50079/50058 Mates With: 53398, 53261, 53047, 53048 and 51047 Designed In: Millimeters Electrical Voltage: 125V Current: 1.0A 32 AWG--0.8A Contact Resistance: 20m max. Dielectric Withstanding Voltage: 250V AC/1 min. Insulation Resistance: 100 M min. Physical Housing: PBTP, UL 94V-0 Temperature: -40 to +85C 1.25mm (.049") Pitch Wire-to-Wire and Wire-to-Board Receptacle 51021 ORDERING INFORMATION AND DIMENSIONS Circuits 02 03 04 05 06 07 08 09 10 11 12 13 14 15 Order No. 51021-0200 51021-0300 51021-0400 51021-0500 51021-0600 51021-0700 51021-0800 51021-0900 51021-1000 51021-1100 51021-1200 51021-1300 51021-1400 51021-1500 Dimension A 4.25 (.167) 5.50 (.217) 6.75 (.266) 8.00 (.315) 9.25 (.364) 10.50 (.413) 11.75 (.463) 13.00 (.512) 14.25 (.561) 15.50 (.610) 16.75 (.659) 18.00 (.709) 19.25 (.758) 20.50 (.807) 1.25 2.50 3.75 5.00 6.25 7.50 8.75 10.00 11.25 12.50 13.75 15.00 16.25 17.50 B (.049) (.098) (.148) (.197) (.246) (.295) (.344) (.393) (.441) (.492) (.541) (.590) (.639) (.688) 990 I-107 Micro Connectors I |
Price & Availability of 51021-0200 |